Part Number Hot Search : 
B1006 MAX984 GRM188R7 CNY117 28F00 HD64F3 PE3713 4400B
Product Description
Full Text Search
 

To Download DF15005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description features n compact size n low leakage current n 50 amp surge overload rating mechanical dimensions n exceeds environmental standards of mil std. 19500 n meets ul specification 94v-0 n glass passivated junctions electrical characteristics @ 25 o c. maximum ratings DF15005 . . . 10 series data sheet 1.5 amp glass passivated single phase silicon bridge units volts volts volts ............................................. 1.5 ............................................... ............................................. 5 0 ............................................... ............................................. 5.0 ............................................... ............................................. 1.0 ............................................... ............................................. 1 0 ............................................... ............................................. 1.0 ............................................... ......................................... -55 to 125 .......................................... ......................................... -55 to 150 .......................................... amps amps a 2 s volts m a ma c c DF15005 . . . 10 series 005 01 02 04 06 08 10 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 50 100 200 400 600 800 1000 peak repetitive reverse voltage...v rrm rms reverse voltage...v r(rms) dc blocking voltage...v dc average forward rectified current...i f(av) t a = 40 c non-repetitive peak forward surge current...i fsm 8.3 ms single ? sine wave imposed on rated load point rating for fusing...(t < 8.3 ms) forward voltage...v f bridge element @ 1.0 amp dc reverse current...i r @ rated dc blocking voltage t j =25 c t j =125 c operating temperature range...t j storage temperature range...t strg add suffix ??s?? for smd. example: rdf-04m??s?? = 400v/1 amp smd part ac ac mechanical data: terminal leads - solderable per mil std. 202. polarity - molded on case. mounting position - any. weight - 0.04 ounces, 1 gram.
data sheet ratings at 25 deg. c ambient temperature unless otherwise specified. single phase half wave, 60 hz resistive or inductive load. for capacitive load, derate current by 20%. ac in dc out electrical description amps forward current derating curve ambient temperature ( c) .5 20 60 100 140 1.5 1 instantaneous typical forward characteristics typical reverse characteristics instantaneous typical forward characteristics per element t j = 25 c t j = 25 c m m m m m amps percent of rated peak voltage 1.5 amp glass passivated single phase silicon bridge DF15005 . . . 10 series


▲Up To Search▲   

 
Price & Availability of DF15005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X